Part Number Hot Search : 
04597 KBPC1510 CMHZ4104 HC1G0 04597 D9153 HER205 AM26LS29
Product Description
Full Text Search
 

To Download HS202 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  HS202 series ? 2.0c/w thermal resistance ? suitable for 1 or 2 single or dual ssrs ? din rail or panel mounting general specifications control voltage din-rail mount model number HS202dr thermal resistance [c/w] 2.0 datasheet panel mount panel mount HS202 2.0 surface area [in2/cm2] 106.7/688 heat sink mounting panel or din-rail mount 106.7/688 panel mount weight [lbs/grs] 0.77/350 material aluminum 0.70/318 aluminum finish none ssr mounting holes/ threads 6, 8x32 none 6, 8x32 mounting screw torque [in lbs/nm] 15-20/1.7-2.2 15-20/1.7-2.2 number and type of relay accepted 1 or 2 single or dual accepts fan/size [mm] yes/ 2-40 1 or 2 single or dual yes/ 2-40 tolerances: 0.02 in / 0.5 mm all dimensions are in: inches [millimeters] mechanical specifications do not forget to visit us at: www .crydom.com copyright ? 2017 crydom inc. specifications subject to change without notice. HS202 bottom view 1.58 [40.0 ] 3.54 [90.0 ] side view top view 1.88[47.7] 1.88[47.7] 0.66[16.7] 0.87[22.2] 0.87[22.2] 3.19 [81.0] 0.67 [16.9] 2x 6-32 unc-2b tap .33 2x 6-32 unc-2b tap .26 1.32 [33.6] 1.20 [30.5] 0.90[22.9] 0.90[22.9] 1.78[45.0]
side view top view bottom view do not forget to visit us at: www .crydom.com copyright ? 2017 crydom inc. specifications subject to change without notice. mechanical specifications datasheet panel mount rev. 120811 agency approvals agency approvals HS202dr 1.83 [46.5 ] 1.88[47.7] 0.90 [22.9 ] 0.90 [22.9 ] 0.87 [22.2 ] 0.87 [22.2 ] 3.54 [90.0 ] 2x 8-32 unc tap .33 3.19 [81.0] 3.82 [97.0] 1.58 [40.0 ] 1.614 [41.0 ] 2x ?0.18[?4.5] 1.03 [26.2 ] 3.52 [89.4]
do not forget to visit us at: www .crydom.com copyright ? 2017 crydom inc. specifications subject to change without notice. datasheet danger / peligro / danger /gefahr / pericolo / h a z a r d o f e l e ct ric s ho ck, e x p l o s io n, o r a r c flash. ? di s c o n n e c t a l l p o w e r b e f o r e i n s ta l l i n g o r wo r k i n g w i t h th i s equipment. ? v e r i f y a l l c o n n e c ti o n s a n d r e p l a c e a l l c o v e r s b e f o r e tu r n i n g o n p o w e r . f a ilu r e t o f o llo w t h e s e in s t r u c t io n s w ill r e s u lt in d e a t h o r s e r io u s in ju r y . rie s g o de de s c a rg a e l e ct ric a o e x p l o s io n. ? de s c o n e c ta r to d o s l o s s u m i n i s tr o s d e e n e r g i a a e s te e q u i p o a n t e s d e tr a b a j a r c o n e s te equipo. ? v e r i f i c a r to d a s l a s conexiones y colocar todas l a s ta p a s antes d e energizer el e q u i p o . e l in c u m p lim ie n t o d e e s t a s in s t r u c c io n e s p u e d e p r o v o c a r la m u e r t e o le s io n e s s e r ia s . ris q u e de de s ch a rg e e l e ct riq ue o u explosion ? e te i n d r e to u te s l e s s o u r c e s d ' n e r g i e d e c e t a p p a r e i l a v a n t d e tr a v a i l l e r d e s s u s d e c e t a p p a r e i l ? vrifier tous connections, et remettre tous couverts en olace avant de mettre sous de n o n-s u iv i d e c e s in s t r u c t io n s p r o v o q u e r a la m o r t o u d e s l s io n s srieuses s r i e u s e s. g e f a hr e in e s e l e kt ris ch e n s chl a g e s o de r e ine r e x p l o s io n. ? s te l l e n s i e j e g l i c h e n s tr o m a b , d e r d i e s e s g e r ? t v e r s o r g t, bevor s i e a n dem g e r ? t arbeiten d u r c h f h r e n ? v o r d e m dr e h e n a u f e n e r g i e a l l e a n s c h l s s e b e r p r f e n u n d a l l e a b d e c k u n g e n e r s e t z e n. un t e r la s s u n g d ie s e r a n w e i s u n g e n k ? n n e n z u m t o d e o d e r z u s c h w e r e n v e r le t z u n g e n f h r e n. ? ? ? ? ? ?? ??? ? ??? ? warning / avertissement / warnung /advertencia / avvertenza / risk of material damage and hot enclosure ? the product's side panels may be hot, allow the product to cool before touching. ? follow proper mounting instructions including torque values. ? do not allow liquids or foreign objects to enter this product. failure to follow these instructions can result in serious injury, or equipment damage. risque de dommage materiel et de surchauffe du boitier ? les panneaux latraux du produit peuvent tre chauds. laisser le produit refroidir avant de le toucher. ? respecter les consignes de montage, et notamment les couples de serrage. ? ne pas laisser pntrer de liquide ni de corps trangers l'intrieur du produit. le non-respect de cette directive peut entra?ner, des lsions corporelles graves ou des dommages matriels. die nichtbeachtung dieser anweisung kann k?rperverletzung oder materialsch?den zur folge haben. gefahr von materialsch?den und geh?useerhitzung ? die seitenw?nde k?nnen hei? sein. lassen sie das produkt abkhlen, bevor sie es berhren. ? beachten sie die montageanweisungen, ? fhren sie keine flssigkeiten oder fremdk?rper in das produkt ein. si no se respetan estas precauciones pueden producirse graves lesiones, da?os materiales. riesgo de da?os materiales y de sobrecalentamiento de la unidad ? los paneles laterales del producto pueden estar calientes. esperar que el producto se enfre antes de tocarlo. ? respetar las instrucciones de montaje, y en particular los pares de apretado. ? no dejar que penetren lquidos o cuerpos extra?os en el producto. ??? ??? ???? ? ?????? ? ? ?????? ? ??? ris chio di s co s s a e l e t t ric a o de l l ?e s p l o s ione. ? s p e n g a tu tt a l ' a l i m e n ta z i o ne c h e f o r n i s c e q u e s ta a p p a r e c c h i a t ura p r i m a d i lavorare a questa a p p a r e c c h i a t ura ? v e r i f i c a r e t u tti i c o l l e g a m e n ti e s o s ti tu i r e tu tte l e coperture p r i m a d e l l ?accensione l ' o m is s io n e d i q u e s t e istruzioni p r o v o c h e r l a m o r t e o le s io n i s e r i e la mancata osservanza di questa precauzione pu causare gravi rischi per l'incolumit personale o danni alle apparecchiature. rischio di danni materiali e d'involucro caldo ? i pannelli laterali dell'apparecchio poss ono scottare; lasciar quindi raffreddare il prodotto prima di toccarlo. ? seguire le istruzioni di montaggio corrette. ? non far entrare liquidi o oggetti estranei in questo apparecchio. panel mount
do not forget to visit us at: www .crydom.com copyright ? 2017 crydom inc. specifications subject to change without notice. annex - e n v i romental information the environmental information disclosed in this annex including the eip pollution logo are in compliance w i th people?s republic of china electronic industr y standard sj/t11364 ? 2006, marking for c ontrol of pollution caused by electronic information products. part name toxic or hazardous substance and elements lead mercury cadmium hexavalent polybrominated polybrominated (pb) (hg) (cd) chromium (cr (vi)) biphenyls (pbb) diphenyl ethers (pbde) semiconductor die solder - ? ?????????????? sj/t11364 - 2006, ?????? ??? ? ? (pb) (hg) (cd) (cr (vi)) (pbb) (pbde) ?? ? 50 datasheet panel mount


▲Up To Search▲   

 
Price & Availability of HS202

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X